Part Number Hot Search : 
TS941 202142B 167BZXI BT501 HGT1S FR7809P NJM2136M BZY91C13
Product Description
Full Text Search
 

To Download BM-41EG57MD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  b b r r i i g g h h t t l l e e d d e e l l e e c c t t r r o o n n i i c c s s c c o o r r p p . . b b m m - - 4 4 1 1 e e g g 5 5 7 7 m m d d ver.1.0 page 1 of 3 since 1981 package dimensions : 74.80(2.945) 12.80(.504) 12.0x12.0 (.472x.472) 3.00(.118) min. 1 0 4 . 6 0 ( 4 . 1 1 8 ) pin 1. 0.80(.031) 5.08x8=40.64(1.600) 76.20(3.000) notes: 1. all dimensions are in millimeters(inches). 2. tolerance is 0.25mm(.01")unless otherwise specified. 3. specifications are subject to change without notice. features : 1. 4.118 inch (104.6mm) matrix height. 2. square size 12.0 12.0mm. 3. low power requirement. 4. excellent characters appearance. 5. solid state reliability. 6. multiplex drive , column anode com. and row cathode com. 7. multi color available. 8. categorized for luminous intensity. 9. stackable vertically and horizontally. description : 1. the BM-41EG57MD is a 104.6mm (4.118")matrix height 57 square matrix display. 2. this product use hi-eff red chips and green chips, the hi-eff red chips are made from gaasp on gap substrate, the green chips are made from gap on gap subtrate. 3. this product have a black face and white squares. 4. this product doesn't contain restriction substance, comply rohs standard. internal circuit diagram : I??? http://www.brtled.com
b b r r i i g g h h t t l l e e d d e e l l e e c c t t r r o o n n i i c c s s c c o o r r p p . . b b m m - - 4 4 1 1 e e g g 5 5 7 7 m m d d ver.1.0 page 2 of 3 since 1981 absolute maximum ratings(ta=25 ) parameter symbol hi-eff red rating green rating unit power dissipation per dot pd 160 160 mw forward current per dot i f 30 30 ma peak forward current per dot i fp ( dut y 1/10, 1khz ) 150 150 ma reverse voltage per dot v r 5 v operating temperature topr -40 ~80 - storage temperature tstg -40 ~85 - soldering temperature ( 1/16" from bod y) ts o l 260 for 5 seconds - electrical and optical characteristics(ta=25 ) hi-eff red parameter symbol condition min. typ. max. unit forward voltage per dot v f i f =10ma - 3.8 5.0 v luminous intensity per dot iv i f =10ma - 15.0 - mcd reverse current per dot i r v r =5v - - 100 a peak wave length p i f =10ma - 640 - nm dominant wave length d i f =10ma 626 - 636 nm spectral line half-width ? i f =10ma - 40 - nm green parameter symbol condition min. typ. max. unit forward voltage per dot v f i f =10ma - 4.2 5.0 v luminous intensity per dot iv i f =10ma - 15.0 - mcd reverse current per dot i r v r =5v - - 100 a peak wave length p i f =10ma - 568 - nm dominant wave length d i f =10ma 569 - 574 nm spectral line half-width ? i f =10ma - 30 - nm I??? http://www.brtled.com
b b r r i i g g h h t t l l e e d d e e l l e e c c t t r r o o n n i i c c s s c c o o r r p p . . b b m m - - 4 4 1 1 e e g g 5 5 7 7 m m d d ver.1.0 page 3 of 3 since 1981 typical electro-optical characteristics curves (25 ambient temperature unless otherwise noted) fig.1 relative radiant intensity vs. wavelength wavelength(nm) forward voltage fig.4 relative luminous forward current(ma) forward voltage (v) r e l a t i v e l u m i n o u s i n t e n s i t y 0.0 0 ( @ 2 0 m a ) 1.0 2.0 f o r w a r d c u r r e n t ( m a ) 3.0 0 30 10 20 40 50 40 10 20 30 50 (g) (e) forward current 4 intensity vs. 123 (e) (g) 5 fig.2 forward current vs. r e l a t i v e r a d i a n t i n t e n s i t y 530 0 0.5 1.0 (g) 560 590 ambient temperature ambient temperature derating curve vs. fig.5 forward current ambient temperature ta( c) ambient temperature ta( c) 0 20 f o r w a r d c u r r e n t ( m a ) 10 30 40 20 40 60 80 r e l a t i v e l u m i n o u s i n t e n s i t y ( @ 2 0 m a ) 0.5 50 -40 0 1.5 1.0 3.0 2.5 2.0 0 -20 20 120 100 40 60 fig.3 relative luminous 620 650 intensity vs. 680 710 (e) I??? http://www.brtled.com


▲Up To Search▲   

 
Price & Availability of BM-41EG57MD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X